Part Number Hot Search : 
PNP3638A 2SK2903 AN7715SP 78LR05 KA7924 SGABMDB MT8880CP P0RB0
Product Description
Full Text Search
 

To Download K34SA24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AUTOMOTIVE - Miniature
OKO type K34S
RELAYS
Enclosed versions of the K34N range offering a miniature package with fully sealed 'vented' construction. Silver alloy contacts, with choice of form, rated up to 15A (carrying). PCB terminations.
N N N N
1 form A, C, U & W silver alloy Miniature package PCB terminations Fully sealed
N N N
Rated up to 15A carry Automotive style Very competitively priced
Contacts: Type 1 form A: 1 form C: 1 form U: 1 form W: Make 60A 60A 12A 2 X 40A 2 X 30A 2 X 5A
Ratings Break 20A 20A 10A 2 X 20A 2 X 15A 2 X 5A Carry 15A 15A 10A 2 X 10A 2 X 7A 2 X 5A
NO NC
NO NC DC: 75V, 200W AC: 60V, 500VA Silver alloy
Coil:
Power consumption 1.1W Operating voltage range 65-130% (1 form W 75-130%) Operating time 3ms Release time 1.5ms Mechanical: 10 x 106 operations min. Electrical (DC): 2 x 105 operations min. @10A, 15V -40C to +85C
Speed:
Life Expectancy:
Operating Temperature Range:
1 form U & W only 15 max.
1 form W only
17.5 max.
10.16 1 form C & W only 8.89 19.5 max. 3.81
Footprint (pin view)
3.0
1 form A
Pin size 0.64 sq.
1 form C
Schematics (pin view)
Dimensions (mm)
1 form U
1 form W
Part No. Coil Voltage/Resistance 6Vdc /28 12Vdc /130 24Vdc /520 1 form A K34SA06 K34SA12 K34SA24 1 form C K34SC06 K34SC12 K34SC24 1 form U 1 form W
K34SU06 K34SW06 K34SU12 K34SW12 K34SU24 K34SW24
Other contact forms available to special order
30
0128
K34


▲Up To Search▲   

 
Price & Availability of K34SA24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X